Part Number Hot Search : 
70032 L6741TR US6M11 D526Y CMHZ4116 CH0603 A1774 MC34167T
Product Description
Full Text Search
 

To Download AP4407P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4407S/P
Advanced Power Electronics Corp.
Lower On-resistance Simple Drive Requirement Fast Switching Characteristic G S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-30V 14m -50A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. GD S
TO-263(S)
The TO-263 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP4407P) are available for low-profile applications. G
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
D
TO-220(P)
S Units V V A A A W W/
Rating -30 25 -50 -32 180 54 0.4 -55 to 150 -55 to 150
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 2.3 62 Unit /W /W
Data and specifications subject to change without notice
200115041
AP4407S/P
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
Min. -30 -1 -
Typ. -0.01
Max. Units 14 23 -3 -1 -25 100 60 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V, ID=-24A VGS=-4.5V, ID=-16A
36 35 5 26 11 64 63 100 630 550
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-24A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 25V ID=-24A VDS=-24V VGS=-4.5V VDS=-15V ID=-24A RG=3.3,VGS=-10V RD=0.63 VGS=0V VDS=-25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
2120 3390
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-24A, VGS=0V IS=-24A, VGS=0V, dI/dt=-100A/s
Min. -
Typ. 39 38
Max. Units -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by safe operating area. 2.Pulse width <300us , duty cycle <2%.
AP4407S/P
250
150
T C =25 o C
200
-10V -8.0V -ID , Drain Current (A)
T C =150 o C
-10V -8.0V -6.0V
-ID , Drain Current (A)
100
150
-6.0V
100
-4.5V
50
-4.5V
50
V G =-3.0V
0
V G =-3.0V
0
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
25
1.8
I D = -16 A T C =25 Normalized R DS(ON)
20
1.6
I D =-24A V G =-10V
1.4
RDS(ON) (m )
1.2
15
1.0
0.8
10 3 5 7 9 11
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
3.0
30
2.5
20
-IS(A)
T j =150 o C
T j =25 o C
-VGS(th) (V)
2.0
1.5
10
1.0
0
0 0.2 0.4 0.6 0.8 1 1.2 1.4
0.5 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4407S/P
f=1.0MHz
14
10000
-VGS , Gate to Source Voltage (V)
12
I D = - 24 A V DS = -24V C iss
10
8
C (pF)
1000
6
C oss C rss
4
2
0
100
0
20
40
60
80
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
1000
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
100
0.2
100us
-ID (A)
0.1
0.1
0.05
1ms
10
PDM
0.02 0.01
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
T C =25 o C Single Pulse
1 0.1 1 10
10ms 100ms DC
100
Single Pulse
0.01
0.00001
0.0001
0.001
0.01
0.1
1
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4407P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X